PART |
Description |
Maker |
MSKD60-08 MSKD60-12 MSKD60-16 MSKD60-18 |
Rectifier Modules 200-1800V
|
Microsemi
|
VSKCS20310 VSKCS203-100 |
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
|
Vishay Siliconix
|
VSKDS400 VSKDS400-045 VSKDS40011 |
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
|
Vishay Siliconix
|
MIMMD250F180X |
1800V 250A Rectifier Module RoHS Compliant
|
Micross Components
|
SHF1402SMS |
40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER 4 A, 200 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
SK320011 SK3200-TP |
3 Amp Schottky Rectifier 200 Volts 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Micro Commercial Components Micro Commercial Compon...
|
RM200DA-24F |
200 A, 1200 V, SILICON, RECTIFIER DIODE Fast Recovery Diode Modules, F Series (for Bipolar speed switching)
|
Mitsubishi Electric Corporation
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MP02HBN130-20 MP02HBN130-18 |
2000V phase control dual SCR, SCR/diode modules 1800V phase control dual SCR, SCR/diode modules
|
Dynex Semiconductor
|
VUC25 VUC25-12GO2 VUC25-14GO2 VUC25-16GO2 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Three Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
FUO22-12N FUO22-16N |
Three Phase Rectifier Bridge in ISOPLUS i4-PACTM 3 PHASE, 28 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
|